Part Number Hot Search : 
10N03 CPD48 MMBZ5 1A398 MA153A 16211AE EL8403IS MCT6H08
Product Description
Full Text Search
 

To Download SRS1660 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SRS1620 THRU SRS1660
16.0 AMPS. Schottky Barrier Rectifiers
Voltage Range 20 to 60 Volts Current 16.0 Amperes
Features
For surface mounted application Low forward voltage drop High current capability High reliability High surge current capability
D2PAK
Mechanical Data
Cases: D2PAK molded plastic Epoxy: UL 94V-O rate flame retardant Terminals: Leads solderable per MILSTD-202, Method 208 guaranteed Polarity: As marked High temperature soldering guaranteed: O 260 C/10 seconds at terminals Weight: 1.70 grams
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol SRS SRS Type Number
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current See Fig. 1 Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @8.0A Maximum D.C. Reverse Current @ Tc=25 at Rated DC Blocking Voltage @ Tc=100 Typical Thermal Resistance (Note 1) Typical Junction Capacitance (Note 2) Operating Junction Temperature Range
VRRM VRMS VDC I(AV) IFSM VF IR
1620 20 14 20
1630 30 21 30
SRS 1640 40 28 40 16.0 200
SRS 1650 50 35 50
SRS Units 1660 60 V 42 V 60 V A A
0.55 0.5 50 2.0
0.70
V mA mA /W pF
RJC Cj 700 460 TJ -65 to +125 -65 to +150 Storage Temperature Range TSTG -65 to +150 Notes: 1. Thermal Resistance from Junction to Case Per Leg 2. Measured at 1MHz and Applied Reverse Voltage of 4.0V D.C.
- 168 -
RATINGS AND CHARACTERISTIC CURVES (SRS1620 THRU SRS1660)
FIG.1- MAXIMUM FORWARD CURRENT DERATING CURVE
PEAK FORWARD SURGE CURRENT. (A)
20.0
300 250 200 150 100 50 0
FIG.2- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT PER LEG
AVERAGE FORWARD CURRENT. (A)
16.0
SR S1
0 0-4 62 S1 SR
12.0
65 0-6 0
8.0
4.0
0
0
50
100
o
150
1
2
5
10
20
50
100
CASE TEMPERATURE. ( C)
NUMBER OF CYCLES AT 60Hz
10
FIG.3- TYPICAL REVERSE CHARACTERISTICS PER LEG
Tj=1
0 00 C
50
FIG.4- TYPICAL FORWARD CHARACTERISTICS PER LEG
INSTANTANEOUS REVERSE CURRENT. (mA)
INSTANTANEOUS FORWARD CURRENT. (A)
SR
S1
62
0-
40
1.0
10
.10
Tj=
Tj=
.01
25
0
C
1.0
.001 0
20 40 60 80 100 120 PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
140
0.1 .2
.3
.4
.5
SR
.6 .7
75
S1
0
C
65
0-
60
.8
.9
1.0
1.1
INSTANTANEOUS FORWARD VOLTAGE. (V)
FIG.5- TYPICAL JUNCTION CAPACITANCE PER LEG
4000
2000
CAPACITANCE.(pF)
1000 800 600 400
SR
S1
620
-40
SR
S1
650
-60
200
100
.1
.4
1.0
4
10
40
80 100
REVERSE VOLTAGE. (V)
- 169 -


▲Up To Search▲   

 
Price & Availability of SRS1660

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X